Part Number Hot Search : 
ECG2331 HEF40 2000W 0E686 40AKV C3409 SA2111CA XXXDC
Product Description
Full Text Search
 

To Download PE7403-20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 confguration design fixed attenuator connector 1 1.85mm male connector 2 1.85mm female body material and plating passivated stainless steel electrical specifcations * values at 25c, sea level description minimum t ypical maximum units frequency range dc 65 ghz impedance 50 ohms attenuation value 20 db input power 1 w atts vswr 1.65:1 . specifcations by frequency description f1 f2 f3 f4 f5 units range dc to 26.5 26.5 to 40 40 to 60 60 to 65 ghz vswr 1.35:1 1.55:1 1.65:1 1.65:1 attenuation accuracy 1 1.25 2 2.5 db . mechanical specifcations temperature operating range -55 to +100 deg c size length 0.98 in [24.89 mm] width 0.31 in [7.87 mm] . connectors description connector 1 connector 2 type 1.85mm male 1.85mm female contact material and plating beryllium copper , gold beryllium copper , gold outer conductor material and plating passivated stainless steel coupling nut material and plating passivated stainless steel body material and plating passivated stainless steel passivated stainless steel . click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 20 db fixed attenuator, 1.85mm male to 1.85mm female passivated stainless steel body rated to 1 watt up to 65 ghz PE7403-20 PE7403-20 PE7403-20 rev 1.0 20 db fixed attenuator, 1.85mm male to 1.85mm female passivated stainless steel body rated to 1 watt up to 65 ghz technical data sheet
2 compliance certifcations (visit www.pasternack.com for current document) rohs compliant plotted and other data notes: ? values at 25 c, sea level outline drawing 20 db fixed attenuator, 1.85mm male to 1.85mm female passivated stainless steel body rated to 1 watt up to 65 ghz from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 20 db fixed attenuator, 1.85mm male to 1.85mm female passivated stainless steel body rated to 1 watt up to 65 ghz PE7403-20 url: http://www.pasternack.com/20db-fxed-1.85mm-male-1.85mm-female-1-watt-attenuator-PE7403-20-p.aspx PE7403-20 PE7403-20 rev 1.0 20 db fixed attenuator, 1.85mm male to 1.85mm female passivated stainless steel body rated to 1 watt up to 65 ghz technical data sheet


▲Up To Search▲   

 
Price & Availability of PE7403-20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X